PART |
Description |
Maker |
SRSKIRT |
SmartRack Enclosure Skirt Kit
|
Tripp Lite. All Rights ...
|
SRSKIRT3 |
SmartRack Enclosure Skirt Kit - use with 3 in. casters
|
Tripp Lite. All Rights ...
|
SR42UBSD1032 |
42U SmartRack Shallow-Depth Rack Enclosure Cabinet, Threaded 10-32 Mounting Holes with doors & side panels
|
Tripp Lite. All Rights ...
|
SRCAGENUTS |
SmartRack Square Hole Hardware Kit with 50 M6 screws and washers
|
Tripp Lite. All Rights ...
|
SRSWITCH |
SmartRack Magnetic Door Switch Kit for front and rear doors; requires ENVIROSENSE
|
Tripp Lite. All Rights ...
|
VTB2-2A0 VTB2-2A1 VTB2-2B0 VTB2-4B1 VTB2-2B1 VTB2- |
Miniature TCXOs BOX 4.94X2.75X1.275 9V W/CLP ALMOND H-Series Enclosure; Enclosure Material:Plastic; External Height:0.94"; External Width:2.75"; External Depth:4.94"; Enclosure Color:Almond RoHS Compliant: Yes 微型TCXO
|
Electronic Theatre Controls, Inc.
|
27C010RPFI-30 27C010RPFC-25 27C010RPFB-30 27C010RP |
x8 EPROM Evaluation Kit for the MAX3741 Evaluation Kit for the MAX3738 Evaluation Kit for the MAX3748A Evaluation Kit for the MAX3740A Evaluation Kit for the MAX3737 Evaluation Kit for the MAX3744, MAX3745 x8存储 Evaluation Kit for the MAX3747, MAX3747A x8存储
|
Atmel, Corp.
|
DC590A-1 DC742A DC609A-B DC590A DC682A DC746A DC75 |
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 590 USB SERIAL CONTROLLER FOR LINEAR TECHNOLOGY QUICKEVAL-TM DEMO BOARDS LTC2449 Evaluation Sales LTC4259A Evaluation Kit USB Controller for QuickEval Evaulation Kits LTC1859 Evaluation Kit LTC2412 Evaluation Kit LTC4150 Evaluation Kit LTC2601 Evaluation Kit LTC2433-1 Evaluation Kit
|
Linear Integrated Syste... LINEAR[Linear Integrated Systems] Linear Technology
|
5962-8757902XC 5962-8757901YX 5962-8757901XX 5962- |
Evaluation Kit for the MAX9713 500mW, Low EMI, Filterless, Class D Audio Amplifier Evaluation Kit for the MAX9710 Evaluation Kit for the MAX9716 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers Evaluation Kit for the MAX9715 Evaluation Kit for the MAX9704, MAX9714 Evaluation Kit/Evaluation System for the MAX9851 Transceiver 收发 Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers 收发
|
Air Cost Control Vishay Intertechnology, Inc.
|
CY7C1049-17VC CY7C1049 CY7C1049-20VM CY7C1049-15VC |
Plastic Connector Backshell; Enclosure Material:Polyester; Enclosure Color:Black; Features:For: 101XX-300VE Mini D Ribbon Solder Plugs; No. of Positions:14 RoHS Compliant: Yes 512K X 8 STANDARD SRAM, 20 ns, PDSO36 BACKSHELL, MDR, 20WAY, METAL; For use with:Mini D Ribbon 101XX-6000 EC Plug Connectors; Material:Aluminum; Colour:Nickel; Connector type:Backshell; Ways, No. of:20 RoHS Compliant: Yes 512K X 8 STANDARD SRAM, 20 ns, PDSO36 Plastic Connector Backshell; Enclosure Material:Plastic; Approval Bodies:UL, CSA; Enclosure Color:Beige; Leaded Process Compatible:No; No. of Positions:26; Peak Reflow Compatible (260 C):No RoHS Compliant: No 512K x 8 Static RAM Memory : Async SRAMs
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
LPX50 |
LPX50 Enclosure LPX50 Enclosure
|
ASTEC[Astec America, Inc]
|